Part Number Hot Search : 
2SK2357 LTC1734L MAX1338 MAX1795 MAZ4100 2SD1489 IG0512SA 62L10PF
Product Description
Full Text Search
 

To Download AT20-0107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AT20-0107
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Features
* Attenuation: 0.5 dB Steps to 31.5 dB1 * Temperature Stability: 0.18 dB from -40C to +85C * * * * * * * *
Typ. Low DC Power Consumption Surface Mount Package Integral TTL Driver High Intercept Point Low Cost/High Performance
Rev. V7
Functional Schematic
Lead-Free CR-13 Package 260C Reflow Compatible RoHS* Compliant
Description
M/A-COM's AT20-0107 is a GaAs FET 6-bit digital attenuator with a 0.5 dB minimum step size and a 31.5 dB total attenuation. This attenuator and integral TTL driver is in a ceramic 24-lead surface mount package. The AT20-0107 is ideally suited for use where accuracy, fast speed, very low power consumption and low intermodulation products are required. Typical applications include dynamic range setting in precision receiver circuits and other gain/ leveling control circuits. Available with enhanced performance as fully hermetic version. Environmentally screenable as P/N AT-107-PIN.
Pin Configuration
Pin No.
1 2 3 4 5 6
Function
GND GND GND C16 C8 Vee Vcc C4 C2 C1 C0.5 GND
Pin No.
13 14 15 16 17 18 19 20 21 22 23 24
Function
RF2 GND GND GND GND GND GND GND GND GND GND RF1
Ordering Information
Part Number
AT20-0107-PIN AT20-0107-TR AT20-0107-TB
7 8
Package
Bulk Packaging 1000 piece reel Sample Test Board
9 10 11 12
Note: Reference Application Note M513 for reel size information.
The metal bottom of the case must be connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
AT20-0107
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Electrical Specifications: TA = +25C2
Parameter
Insertion Loss Attenuation Accuracy VSWR Trise, Tfall Ton, Toff Transients 1 dB Compression 5 Input IP3 5 Input IP2 5 Vcc -Vee Icc -Iee 1. 2. 3. 4. 5.
1,3,4
Rev. V7
Test Conditions
-- Any Bit or Combination of Bits Full Range 10% to 90% 50% Control to 90%/10% RF In-band (peak to peak) Input Power Input Power Two Tone Inputs up to +5 dBm Two Tone Inputs up to +5 dBm -- -- Vcc = 4.5 to 5.5V -Vee = -5.0 to -8.0V
Frequency
DC - 2.0 GHz DC - 2.0 GHz DC - 2.0 GHz -- -- -- 50 MHz 0.5 - 2.0 GHz 50 MHz 0.5 - 2.0 GHz 50 MHz 0.5 - 2.0 GHz -- -- -- --
Units
dB dB Ratio ns ns mV dBm dBm dBm dBm dBm dBm V V mA mA
Min
-- -- -- -- -- -- -- -- -- -- -- -- 4.5 -8.0 -- --
Typ
3.2 -- -- 50 150 50 +21 +29 +35 +48 +45 +79 5.0 -- -- --
Max
3.8 +(.3 +7% of atten.) -(.2 +1% of atten.) 1.8:1 -- -- -- -- -- -- -- -- -- 5.5 -5.0 6.0 1.0
Above reference insertion loss. All specifications apply when operated with bias voltages of +5V for VCC and -5.0 V to -8.0 V for VEE and 50 impedance at all ports unless otherwise stated. This attenuator is guaranteed monotonic. For the attenuator to meet the guaranteed specifications, it is necessary to have a DC return on either RF1 or RF2. The DC return can be either a 10K resistor, or an RF choke. VEE = -5 V for the typical numbers given.
Absolute Maximum Ratings 6,7
Parameter
Max. Input Power 0.05 GHz 0.5 - 2.0 GHz VCC VEE VCC - VEE Vin8 Operating Temperature Storage Temperature 6. 7. 8. 2
Recommended PCB Configuration
Absolute Maximum
+27 dBm +34 dBm -0.5V VCC +7.0V -8.5V VEE +0.5V -0.5V VCC - VEE 14.5V -0.5V Vin VCC + 0.5V -40C to +125C -65C to +150C
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
AT20-0107
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Handling Procedures
Please observe the following precautions to avoid damage: Rev. V7
Truth Table (Digital Attenuator)
C16
0 0 0 0 0 0 1 1
C8
0 0 0 0 0 1 0 1
C4
0 0 0 0 1 0 0 1
C2
0 0 0 1 0 0 0 1
C1
0 0 1 0 0 0 0 1
C0.5
0 1 0 0 0 0 0 1
Attenuation
Loss, Reference 0.5 dB 1.0 dB 2.0 dB 4.0 dB 8.0 dB 16.0 dB 31.5 dB
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Typical Performance Curves
Insertion Loss vs. Frequency
0 = TTL Low; 1 = TTL High
Attenuation Accuracy vs. Frequency
+ 8 5 C 4 0.6 3 0.4 + 2 5 C - 4 0 C 1 dB 2 dB 0 .5 d B 4 dB
Deviation (dB)
0 0.5 1 1.5 2
Loss (dB)
0.2 0 -0.2 -0.4
2
1
0 -0.6 0 0.5 1 1.5 2
Fre que ncy (GHz )
Fre que ncy (GHz )
Attenuation Accuracy vs. Frequency
16 d B 0.8 0.6 8 dB 3 1. 5 d B
RF1 VSWR vs. Frequency
Lo ss & 0 .5 d B 2 1.8 2 dB 1 dB 4 dB 8 & 16 d B
Deviation (dB)
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 0 0.5 1 1.5 2
Deviation (dB)
1.6 1.4 1.2 1 0 0.5 1 1.5 2
Fre que ncy (GHz )
Frequency (GHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
AT20-0107
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Typical Performance Curves
RF2 VSWR vs. Frequency
Rev. V7
Lead-Free, CR-13 Ceramic Package
Lo ss & 0 .5 d B 16 d B
1 & 2 dB 2
4 dB
8 dB
Dev ia tio n (dB)
1.8 1.6 1.4 1.2 1 0 0.5 1 1.5 2
Frequency (GHz)
Reference Application Note M538 for lead-free solder reflow recommendations.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of AT20-0107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X